Part Number Hot Search : 
D390MS FR3502 ISP825 1XS21D1 NTE5646 W0805 02002 HD6314
Product Description
Full Text Search
 

To Download FSTI10040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
FSTI10020 THRU FSTI100100
SCHOTTKY DIODES MODULE TYPE 100A
Features
High Surge Capability
Types Up to 100V VRRM Isolated heatsink
100Amp Rectifier 20-100 Volts POWER MOD TO-249AA
A N
Maximum Ratings
Operating Temperature: -40 C to +125 Storage Temperature: -40 C to +175 Maximum Recurrent Peak Reverse Voltage 20V FSTI10020 FSTI10030 30V 35V FSTI10035 FSTI10040 40V 45V FSTI10045 FSTI10060 60V FSTI10080 80V FSTI100100 100V Part Number Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
C
E
1 2 3
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 56V 70V
L M
B
R Q
D
F P G J K H
Electrical Characteristics @ 25
Average Forward (Per Pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
100A 1000A
0.63V 0.75V 0.84V
TC =100
8.3ms , half sine
(FSTI10020~FSTI10045) (FSTI10060) (FSTI10080~FSTI100100) I FM =50 A; T j = 25
PIN 1 PI N 2 PIN 2
DIMENSIONS INCHES MIN MAX 1/4 1.995 2.005 .300 .325 .495 .505 .192 .182 .990 1.010 2.410 2.390 1.495 1.525 .114 .122 0.420 ----.240 .260 .510 .490 .350 .330 .175 .195 .035 .045 .445 .455 .890 .910 MM MIN 50.67 7.62 12.57 4.62 25.15 60.71 37.90 2.90 ----6.10 12.45 8.38 4.45 0.89 11.30 22.61 MAX
50.93 8.26 12.83 4.88 26.65 61.21 38.70 3.10 10.67 6.60 12.95 8.90 4.95 1.14 11.56 23.11
IR
2 mA 600 mA
TJ = 25 TJ = 125
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
1.0 C/W
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
DIM A B C D E F G H J K L M N P R Q
NOTE
FSTI10020 THRU FSTI100100
Figure .1-Typical Forward Characteristics
60
AvErage ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
1000 600
50
I nStantaneous Forward Current - Amperes Per leg Amps
400 200 100 60 40 20 10 6.0 4.0 2.0 1.0 FSTI10060 FSTI10020~ FSTI10040
T =25 J
Per leg
40
Amps
30
20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 20 40 60 80 100 120
FSTI10080~ FSTI10010
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200 Tj =150 C Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20 10 Tj =125 C
1200
Figure .3-Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps Per leg
1000 800 600 400 200 0
m Amps
6 4 2 1 .6 .4 .2 .1 .06 .04 T =25 J T =75 J
1
2
4
6
8 10 20 Cycles
40
60 80 100
Number Of Cycles At 60Hz - Cycles
.02 .01 0 10 20 30 40 50 60 70 80 90 100
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of FSTI10040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X